Part Number Hot Search : 
NL2016 1216D2 LM301AD TSH340 MC33S 60R110 1660CT 4B0520K
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4403
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
PNP Transistor Plastic-Encapsulate Transistors
TO-92
4.550.2
FEATURES Power Dissipation
3.50.2
4.50.2
MAXIMUM RATINGS* TA=25 oC unless otherwise noted
Symbol VCBO VCEO VEBO IC PC * TJ Tstg RJA
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power dissipation Junction Temperature Storage Temperature Thermal Resistance, junction to Ambient
Value -40 -40 -5 -600 0.625 150 -55to +150 357
o
Units V V V mA W
o
14.30.2
0.46 +0.1 -0.1 (1.27 Typ.) 1.25-0.2 123 2.540.1
+0.2
0.43 +0.08 -0.07
C C
o
C /mW
1: Emitter 2: Base 3: Collector
ELECTRICAL CHARACTERISTICS (Tamb=25 oC
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) DC current gain hFE(3) hFE(4) hFE(5) Collector-emitter saturation voltage VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob td tr tS tf
unless
Test
otherwise
specified)
MIN -40 -40 -6 -100 -100 30 60 100 100 20 -0.4 -0.75 -0.75 -0.95 -1.3 200 8.5 15 V V V V MHz pF nS nS nS nS 300 TYP MAX UNIT V V V nA nA
conditions
IC=-100A,IE=0 IC=-1mA,IB=0 IE=-100A,IC=0 VCB=-35V,IE=0 VEB=-5V,IC=0 VCE=-1V,IC=-0.1mA VCE=-1V,IC=-1mA VCE=-1V,IC=-10mA VCE=-1V,IC=-150mA VCE=-2V,IC=-500mA IC=-150mA,IB=-15mA IC=-500mA,IB=-50mA IC=-150mA,IB=-15mA IC=-500mA,IB=-50mA VCE=-10V,IC=-20mA,f=100MHz VCB=-10V,IE=0,f=100KHz
Base-emitter saturation voltage Transition frequency Collector capacitance Delay time Rise time Storage time Fall time
VCC=-30V, IC=-150mA IB1=- IB2=-15mA
20 225 30
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 1 of 3
2N4403
Elektronische Bauelemente
PNP Transistor Plastic-Encapsulate Transistors
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2 of 3
2N4403
Elektronische Bauelemente
PNP Transistor Plastic-Encapsulate Transistors
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X